Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT2020 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

NPT2020 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # NPT2020
Download  NPT2020 Download
File Size   1241.27 Kbytes
Page   13 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaN Wideband Transistor 48 V, 50 W

NPT2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPT2020 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # NPT2020
Download  NPT2020 Click to download

File Size   1241.27 Kbytes
Page   13 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaN Wideband Transistor 48 V, 50 W

NPT2020 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - NPT2020

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
More results


Similar Description - NPT2020

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
GaN Wideband Transistor 28 V
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
GaN Wideband 50 W Pulsed Transistor in Plastic Package
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
GaN Wideband Transistor 28 V, 4 W
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
GaN Wideband Transistor 48 V, 100 W
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
50 V, 500 W GaN RF Transistor
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
200 W, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com