Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP15 Datasheet (PDF) - DENSEI-LAMBDA

PP15 Datasheet PDF - DENSEI-LAMBDA
Part # PP15
Download  PP15 Download
File Size   188.37 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output DC-DC converter 1.5W ~ 25W???

PP15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PP15 Datasheet PDF - DENSEI-LAMBDA

Part # PP15
Download  PP15 Click to download

File Size   188.37 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output DC-DC converter 1.5W ~ 25W???

PP15 Datasheet (HTML) - DENSEI-LAMBDA


PP15 Product details

PP-SERIES Single output DC-DC converter 1.5W ~ 25W



Features

Compact and single output DC-DC converter Ultra-thin profile: 8mm

Wide input voltage range

   DC5V input: DC4.5 ~ 7.2V (PP25: 4.7V ~ 7.2V)

   DC12V input: DC9 ~ 18V (PP1R5 ~ PP10: 8V ~ 16.5V)

   DC24V input: DC18 ~ 36V (PP1R5 ~ PP10: 18V ~ 32V)

   DC48V input: DC36 ~ 72V (PP1R5 ~ PP10: 32V ~ 63V)

Operating temperature: –20 ~ +71°C

Isolation between input and output

PP15, PP25: Output voltage variable, on/off control

3 year warranty



PPD-SERIES Dual output DC-DC converter 1.5W ~ 10W



Features

Compact and dual output DC-DC converter Ultra-low profile: 8mm

Wide input voltage range

   DC5V input: DC4.5 ~ 7.2V

   DC12V input: DC8 ~ 16.5V

   DC24V input: DC18 ~ 32V

   DC48V input: DC32 ~ 63V

Operating temperature: –20 ~ +71°C

Isolation between input and output

3 year warranty




Similar Part No. - PP15

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP15 APP-PP15 Datasheet
1Mb / 11P
Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
REV C4.3
logo
DENSEI-LAMBDA
PP15-12-12 LAMBDA-PP15-12-12 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP15-12-15 LAMBDA-PP15-12-15 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP15-12-5 LAMBDA-PP15-12-5 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP15-24-12 LAMBDA-PP15-24-12 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
More results


Similar Description - PP15

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PC6 LAMBDA-PC6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W
PCD6 LAMBDA-PCD6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W?
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W????
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
25W Single Output DC-DC Converter
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
25W Single Output DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com