Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT500 Datasheet (PDF) - DENSEI-LAMBDA

PT500 Datasheet PDF - DENSEI-LAMBDA
Part # PT500
Download  PT500 Download
File Size   87.12 Kbytes
Page   1 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description DC-DC transformer module 500W

PT500 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT500 Datasheet PDF - DENSEI-LAMBDA

Part # PT500
Download  PT500 Click to download

File Size   87.12 Kbytes
Page   1 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description DC-DC transformer module 500W

PT500 Datasheet (HTML) - DENSEI-LAMBDA


PT500 Product details

Features

• CE marking (Low Voltage Directive)

• DC-DC transformer module

   Converts DC360V ~ DC48V or DC66V by connecting with

   PFHC module “PF-A series”.

   Application:

   Battery backup system

   N + 1 redundant system

• Wide baseplate temperature: –20 ~ +85°C Conduction cooling

• 2 year warranty



 




Similar Part No. - PT500

ManufacturerPart #DatasheetDescription
logo
API Delevan
PT500-1450 API-PT500-1450 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT500-1450 API-PT500-1450 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
PT500-1450-VM API-PT500-1450-VM Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT500-1750 API-PT500-1750 Datasheet
145Kb / 4P
Power Toroids-Horizontal or Vertical Mount
PT500-1750 API-PT500-1750 Datasheet
1Mb / 4P
Power Toroids - Horizontal or Vertical Mount
More results


Similar Description - PT500

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PAF500F48 LAMBDA-PAF500F48 Datasheet
87Kb / 1P
High Power DC-DC Module 500W ~ 700W?
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
500W Single Output DC-DC Converter
logo
Murata Manufacturing Co...
TPS_CPCI500DC MURATA-TPS_CPCI500DC Datasheet
159Kb / 4P
500W 6Ux4HP DC/DC CompactPCI Power Supply
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500_10 Datasheet
246Kb / 4P
500W Single Output DC-DC Converter
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
500W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD500 ASTRODYNE-SD500 Datasheet
935Kb / 6P
500W Single Output DC-DC Converter
SD500 ASTRODYNE-SD500_16 Datasheet
935Kb / 6P
500W Single Output DC-DC Converter
logo
Delta Electronics, Inc.
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
500W DC/DC Power Modules
logo
Wall Industries,Inc.
DCHB500 WALL-DCHB500 Datasheet
533Kb / 6P
Up to 500W DC/DC Power Module Single Output
logo
LinkCom Manufacturing C...
LDT0687-50R LINKCOM-LDT0687-50R Datasheet
87Kb / 1P
DC/DC Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com