Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR60 Datasheet (PDF) - DENSEI-LAMBDA

SR60 Datasheet PDF - DENSEI-LAMBDA
Part # SR60
Download  SR60 Download
File Size   374.45 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 20W ~ 660W?

SR60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR60 Datasheet PDF - DENSEI-LAMBDA

Part # SR60
Download  SR60 Click to download

File Size   374.45 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 20W ~ 660W?

SR60 Datasheet (HTML) - DENSEI-LAMBDA


SR60 Product details

Features
● CE marking (Low Voltage Directive)
● Long life and high reliability
   Lifetime: 10 years or more, 40°C at full load
   (Internal fan is spare part)
● Wide operating temperature range: –20 ~ +71°C
● Input voltage range: 85 ~ 132VAC /170 ~ 265VAC
● 77 models, 15W ~ 660W
● 5 year warranty




Similar Part No. - SR60

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR60-03 FRONTIER-SR60-03 Datasheet
124Kb / 2P
60A SCHOTTKY BARRIER RECTIFIERS
SR60-03-LFR FRONTIER-SR60-03-LFR Datasheet
124Kb / 2P
60A SCHOTTKY BARRIER RECTIFIERS
SR60-035 FRONTIER-SR60-035 Datasheet
124Kb / 2P
60A SCHOTTKY BARRIER RECTIFIERS
SR60-035-LFR FRONTIER-SR60-035-LFR Datasheet
124Kb / 2P
60A SCHOTTKY BARRIER RECTIFIERS
SR60-04 FRONTIER-SR60-04 Datasheet
124Kb / 2P
60A SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SR60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
20W Single Output Switching Power Supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
20W Single Output Swithching Power supply
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
15W-20W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
15W-20W Single Output External Power
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
20W DC/DC Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com