Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKY13524-639LF Datasheet (PDF) - Skyworks Solutions Inc.

SKY13524-639LF Datasheet PDF - Skyworks Solutions Inc.
Part # SKY13524-639LF
Download  SKY13524-639LF Download
File Size   535.64 Kbytes
Page   10 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.7 to 3.0 GHz High Isolation SP4T Switch

SKY13524-639LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY13524-639LF Datasheet PDF - Skyworks Solutions Inc.

Part # SKY13524-639LF
Download  SKY13524-639LF Click to download

File Size   535.64 Kbytes
Page   10 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.7 to 3.0 GHz High Isolation SP4T Switch

SKY13524-639LF Datasheet (HTML) - Skyworks Solutions Inc.




Similar Part No. - SKY13524-639LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13525-646LF-EVB SKYWORKS-SKY13525-646LF-EVB Datasheet
686Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results


Similar Description - SKY13524-639LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
66Kb / 1P
Switch High Isolation, SP4T, 50??DC to 3 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
SP4T High Isolation Terminated Switch
logo
Hexawave, Inc
HWS554_V2 HW-HWS554_V2 Datasheet
110Kb / 4P
SOI 0.5-3.0 GHz SP4T Switch
logo
Skyworks Solutions Inc.
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
SKY13522-644LF SKYWORKS-SKY13522-644LF Datasheet
701Kb / 10P
0.7 to 3.0 GHz High Isolation (Single Bit Control) SPDT Switch
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY13597-684LF SKYWORKS-SKY13597-684LF Datasheet
174Kb / 2P
0.7 to 3.8 GHz SP4T High-Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com