Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-107 Datasheet (PDF) - Hirose Electric

AT-107 Datasheet PDF - Hirose Electric
Part # AT-107
Download  AT-107 Download
File Size   64.94 Kbytes
Page   3 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Fixed Attenuators (SMA Type)

AT-107 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-107 Datasheet PDF - Hirose Electric

Part # AT-107
Download  AT-107 Click to download

File Size   64.94 Kbytes
Page   3 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Fixed Attenuators (SMA Type)

AT-107 Datasheet (HTML) - Hirose Electric


AT-107 Product details

■ Features
1. Abundant Variations of Attenuators
   Attenuation amounts are available in abundant variations from 0 to 4 dB in 0.5 dB steps, from 4 to 10 dB in 1 dB steps, and in 12, 13, 15, 20, 26 and 30 dB so that levels can be finely adjusted.

2. SMA Type
   The coupling portions are available in all types of plug and jack combinations and stainless steel is used for the external cladding to form a small and durable structure.

3. High Degree of Matching and High Reliability
   The design of the attenuation element uses a distributed constant circuit and metal film resistor. A high degree of matching is achieved as indicated in the VSWR of the appended tables. Furthermore, these attenuators show stable characteristics for environments of varying temperature, humidity, and gases.




Similar Part No. - AT-107

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
636Kb / 5P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Similar Description - AT-107

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-1903 HIROSE-AT-1903 Datasheet
41Kb / 2P
Fixed Attenuators - 2W power (SMA type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
FC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
SC-Type Optical Fixed Attenuators
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
SC Type Fixed Attenuators
logo
Mini-Circuits
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
logo
Hirose Electric
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-VAT-A+ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com