Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-110 Datasheet (PDF) - Hirose Electric

AT-110 Datasheet PDF - Hirose Electric
Part # AT-110
Download  AT-110 Download
File Size   64.94 Kbytes
Page   3 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Fixed Attenuators (SMA Type)

AT-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-110 Datasheet PDF - Hirose Electric

Part # AT-110
Download  AT-110 Click to download

File Size   64.94 Kbytes
Page   3 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Fixed Attenuators (SMA Type)

AT-110 Datasheet (HTML) - Hirose Electric


AT-110 Product details

■ Features
1. Abundant Variations of Attenuators
   Attenuation amounts are available in abundant variations from 0 to 4 dB in 0.5 dB steps, from 4 to 10 dB in 1 dB steps, and in 12, 13, 15, 20, 26 and 30 dB so that levels can be finely adjusted.

2. SMA Type
   The coupling portions are available in all types of plug and jack combinations and stainless steel is used for the external cladding to form a small and durable structure.

3. High Degree of Matching and High Reliability
   The design of the attenuation element uses a distributed constant circuit and metal film resistor. A high degree of matching is achieved as indicated in the VSWR of the appended tables. Furthermore, these attenuators show stable characteristics for environments of varying temperature, humidity, and gases.




Similar Part No. - AT-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
AT-110 MACOM-AT-110 Datasheet
173Kb / 3P
Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
More results


Similar Description - AT-110

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-1903 HIROSE-AT-1903 Datasheet
41Kb / 2P
Fixed Attenuators - 2W power (SMA type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
FC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
SC-Type Optical Fixed Attenuators
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
SC Type Fixed Attenuators
logo
Mini-Circuits
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
logo
Hirose Electric
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-VAT-A+ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com