Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-00X100 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-00X100 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-00X100
Download  MASW-00X100 Download
File Size   946.5 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC Silicon PIN Diode Switches

MASW-00X100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-00X100 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-00X100
Download  MASW-00X100 Click to download

File Size   946.5 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC Silicon PIN Diode Switches

MASW-00X100 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-00X100 Product details

Description
The MASW-001100-1190 (SPST), MASW-002100-1192 (SPDT) and MASW-003100-1192 (SP3T) are series-shunt, broadband, PIN diode switches made with MACOM’s HMICTM (Heterolithic Microwave Integrated Circuit) process. This process allows the silicon pedestals which form the series - shunt diodes and vias to be embedded into low loss, low dispersion glass. By also incorporating small spacing between circuit elements, the result is an HMIC chip with low insertion loss and high isolation at frequencies up to 26.5 GHz.

Features
• Broad Bandwidth
• Specified from 50 MHz to 20 GHz
• Usable from 50 MHz to 26.5 GHz
• Lower Insertion Loss / Higher Isolation
• Fully Monolithic, Glass Encapsulated Chip
• Up to +33 dBm CW Power Handling @ +25°C
• RoHS* Compliant




Similar Part No. - MASW-00X100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-00X102 MA-COM-MASW-00X102 Datasheet
713Kb / 7P
HMIC Silicon PIN Diode Switches with Integrated Bias Network
More results


Similar Description - MASW-00X100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-002102-13580_V5 MA-COM-MASW-002102-13580_V5 Datasheet
152Kb / 7P
HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102_15 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com