Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-2184 Datasheet (PDF) - Bud Industries, Inc.

SF-2184 Datasheet PDF - Bud Industries, Inc.
Part # SF-2184
Download  SF-2184 Download
File Size   43.8 Kbytes
Page   1 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description SWING FRAME RACK

SF-2184 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF-2184 Datasheet PDF - Bud Industries, Inc.

Part # SF-2184
Download  SF-2184 Click to download

File Size   43.8 Kbytes
Page   1 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description SWING FRAME RACK

SF-2184 Datasheet (HTML) - Bud Industries, Inc.




Similar Part No. - SF-2184

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SF-2 RIEDON-SF-2 Datasheet
271Kb / 1P
Surface Mount / Precision Metal Film Resistors
SF-2 RIEDON-SF-2 Datasheet
167Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
Alpha Wire
SF-200-1IN ALPHAWIRE-SF-200-1IN Datasheet
96Kb / 4P
Customer Specification
9/14/2022
SF-200-7/8 ALPHAWIRE-SF-200-7/8 Datasheet
97Kb / 4P
Customer Specification
9/14/2022
SF-200-78 ALPHAWIRE-SF-200-78 Datasheet
97Kb / 4P
Customer Specification
9/14/2022
More results


Similar Description - SF-2184

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBEXPND TRIPPLITE-SR45UBEXPND Datasheet
485Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack
SRWO12UHD TRIPPLITE-SRWO12UHD Datasheet
489Kb / 2P
SmartRack 12U Wall-Mount Open Frame Rack
SREXTENDER TRIPPLITE-SREXTENDER Datasheet
492Kb / 2P
SmartRack Rack Enclosure Extension Frame - Increases rack external and maximum mounting depth
SR12UBEXPNDKD TRIPPLITE-SR12UBEXPNDKD Datasheet
514Kb / 3P
SmartRack 12U 4-Post Open Frame Rack
logo
M-System Co.,Ltd.
BX16H MSYSTEM-BX16H Datasheet
91Kb / 3P
STANDARD RACK MOUNTING FRAME
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
logo
Hammond Manufacturing L...
HWC3027U35BK HAMMOND-HWC3027U35BK Datasheet
316Kb / 4P
Swing-Out Sectional Wall Mount Rack Cabinet
1/9/22
HWFWD3036UWH HAMMOND-HWFWD3036UWH Datasheet
335Kb / 3P
Swing-Out Wall Mount and Floor Rack Cabinet
5/1/22
logo
Kendall Howard
1915-3-800-18 KENDALLHOWARD-1915-3-800-18 Datasheet
133Kb / 2P
OPEN FRAME SWING OUT, SINGLE-POST- 18U
1915-3-500-08 KENDALLHOWARD-1915-3-500-08 Datasheet
1Mb / 2P
18” OPEN FRAME WALL RACK
More results




About Bud Industries, Inc.


Bud Industries, Inc. is a manufacturer and supplier of electronic enclosures, cabinets, and accessories for a wide range of industries, including telecommunications, data storage, industrial automation, and military/aerospace. The company was founded in 1928 and is headquartered in Willoughby, Ohio, USA.

Bud Industries' product line includes a variety of enclosure types, such as metal and plastic boxes, rack-mount cabinets, and outdoor enclosures. These enclosures can be customized to meet specific requirements, such as size, shape, and material. The company also offers a range of accessories, such as mounting brackets, cable management systems, and ventilation fans.

In addition to its manufacturing capabilities, Bud Industries provides design and engineering services to help customers develop custom solutions for their unique needs. The company is known for its high-quality products, quick turnaround times, and exceptional customer service, and has received numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com