Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX201 Datasheet (PDF) - Pericom Semiconductor Corporation

KX201 Datasheet PDF - Pericom Semiconductor Corporation
Part # KX201
Download  KX201 Download
File Size   662.56 Kbytes
Page   2 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description CMOS 32.768kHz

KX201 Datasheet (PDF)

Go To PDF Page Download Datasheet
KX201 Datasheet PDF - Pericom Semiconductor Corporation

Part # KX201
Download  KX201 Click to download

File Size   662.56 Kbytes
Page   2 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description CMOS 32.768kHz

KX201 Datasheet (HTML) - Pericom Semiconductor Corporation


KX201 Product details

Product Description
The KX201 Series real time clock oscillator achieves superb stability over a broad range of operating conditions. It utilizes Pericom proprietary technology to achieve ultra low current less than 30µA. The output clock signal is compatible with LVCMOS/LVTTL logic levels. The device, available on tape and reel, is contained in a 2.0 x 1.6mm surface-mount ceramic package.

Product Features
• AT Cut 32.768 kHz XO
• CMOS compatible logic levels
• Ultra low active current (< 30µA)
• Very tight temperature stability
• Designed for standard reflow and washing techniques
• Pb-free and RoHS/Green compliant

Applications
• Real-Time Clock Oscillator where low current and tight stability are needed




Similar Part No. - KX201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KX2000K ETC-KX2000K Datasheet
35Kb / 1P
Hot Air Gun
logo
Guangdong Kexin Industr...
KX2000N KEXIN-KX2000N_15 Datasheet
410Kb / 1P
NPN Transistors
KX2001P KEXIN-KX2001P_15 Datasheet
412Kb / 1P
PNP Transistors
KX20N65V KEXIN-KX20N65V Datasheet
704Kb / 5P
N-Channel MOSFET
More results


Similar Description - KX201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
KD-2.5V PERICOM-KD-2.5V Datasheet
609Kb / 2P
2.5V CMOS 32.768kHz
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
2.5V CMOS 32.768kHz
KK-2.5V PERICOM-KK-2.5V Datasheet
593Kb / 2P
2.5V CMOS 32.768kHz
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
1.8V CMOS 32.768kHz
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
2.5V CMOS 32.768kHz
KM-3.3V PERICOM-KM-3.3V Datasheet
647Kb / 2P
3.3V CMOS 32.768kHz
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
1.8V CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX321 PERICOM-KX321 Datasheet
646Kb / 2P
CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
CMOS 32.768kHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com