Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIF3FB Datasheet (PDF) - Hirose Electric

HIF3FB Datasheet PDF - Hirose Electric
Part # HIF3FB
Download  HIF3FB Download
File Size   235.16 Kbytes
Page   4 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 2.54mm Pitch Low Profile Connector

HIF3FB Datasheet (PDF)

Go To PDF Page Download Datasheet
HIF3FB Datasheet PDF - Hirose Electric

Part # HIF3FB
Download  HIF3FB Click to download

File Size   235.16 Kbytes
Page   4 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 2.54mm Pitch Low Profile Connector

HIF3FB Datasheet (HTML) - Hirose Electric


HIF3FB Product details

Features
1. Flux Prevention
   HIF3FC series straight type takes complete flux tight measures.
2. Low Profile
   The pin header is a low profile of height 9.2mm.
   The board to board clearance is 12.2mm for stacking connection.

Applications
   Computers, termination equipment, various kinds of electronic equipment, Office Automation machines and so on




Similar Part No. - HIF3FB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3F-10PA-2.54DS HIROSE-HIF3F-10PA-2.54DS Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
HIF3F-10PA-2.54DSA HIROSE-HIF3F-10PA-2.54DSA Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
HIF3F-16PA-2.54DS HIROSE-HIF3F-16PA-2.54DS Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
HIF3F-16PA-2.54DSA HIROSE-HIF3F-16PA-2.54DSA Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
HIF3F-20PA-2.54DS HIROSE-HIF3F-20PA-2.54DS Datasheet
120Kb / 3P
Box type Pin Header to Prevent Mis-insertion
More results


Similar Description - HIF3FB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
1.25mm Pitch Super Low profile Crimping Connector
logo
Molex Electronics Ltd.
44812 MOLEX-44812 Datasheet
40Kb / 2P
2.54mm (.100?? Pitch KK짰 Low Profile PC Board Receptacle
logo
DDK Ltd.
HU5-100PNA-R51TD20-FA DDK-HU5-100PNA-R51TD20-FA Datasheet
153Kb / 2P
2.54mm Pitch Low Profile Pin Header Connectors
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
logo
Molex Electronics Ltd.
0705530002 MOLEX8-0705530002 Datasheet
681Kb / 8P
2.54mm (.100") Pitch SL??Header, Low Profile
logo
Hirose Electric
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
logo
Assmann Electronics Inc...
AWHW26G-0102 ASSMANN-AWHW26G-0102 Datasheet
112Kb / 1P
Boxheader - Low Profile 10-64 pin, straight pin, 2.54mm pitch
logo
Hirose Electric
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com