Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMCX-P-PC Datasheet (PDF) - Hirose Electric

MMCX-P-PC Datasheet PDF - Hirose Electric
Part # MMCX-P-PC
Download  MMCX-P-PC Download
File Size   188.79 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)

MMCX-P-PC Datasheet (PDF)

Go To PDF Page Download Datasheet
MMCX-P-PC Datasheet PDF - Hirose Electric

Part # MMCX-P-PC
Download  MMCX-P-PC Click to download

File Size   188.79 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)

MMCX-P-PC Datasheet (HTML) - Hirose Electric


MMCX-P-PC Product details

■Features

1. Snap-on coupling mechanism makes it easy to engage and disengage.

         The rugged snap-on interface which uses no slotting in the outer conductor maintains mechanical stability by allowing constant mating force and rotation without degradation of electrical performance.

2. Low Profile accommodates PCMCIA type 2cards

               The MMCX-LR-SMT with a height of only 3.51mm can be mounted on the bottom of the type 2card. For installation on the PCB surface, the connector has a 0.36mm offset from the card centerline, which allows the card center axis to coincide with the connector center axis.

3. Designed for ultra thin cable

      Industry Standard RG-type coaxial cable

         ···RG-178B/U (Ø1.8)

        ···RG-316/U (Ø2.59 max.)

      Ø1.48 single shielded cable (one of the smallest available)

         ···DFSS111-U1979 (Ø1.48) made by Junkosha Inc.

         ···CO-6F·FH-SB (Ø1.48) made by Hitachi Cable Ltd.

         ···RF-MF507 (Ø1.48) made by Nissei Electric Co., Ltd.

4. Cable Assemblies with multiple design options

        By using Ø1.48 single shielded cable, the opposite end of the assembly can be connected with N, BNC, HRM (SMA type), TNCand H.FL series.

5. Matched Excellent Impedance

          The interface is slotless to minimize RF leakage. High frequency characteristics achieve a maximum voltage standing-wave ratio (VSWR) of 1.2 at DC-6GHz (typical value, that is not applicable to all products).

6. Compatibility

Mates will all industry standard MMCX connectors.




Similar Part No. - MMCX-P-PC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MMCX-P-P-H-RA-TH1 SAMTEC-MMCX-P-P-H-RA-TH1 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
MMCX-P-P-H-ST-EM1 SAMTEC-MMCX-P-P-H-ST-EM1 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
MMCX-P-P-H-ST-MT1 SAMTEC-MMCX-P-P-H-ST-MT1 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
MMCX-P-P-H-ST-SM1 SAMTEC-MMCX-P-P-H-ST-SM1 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
MMCX-P-P-H-ST-TH1 SAMTEC-MMCX-P-P-H-ST-TH1 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
More results


Similar Description - MMCX-P-PC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
Push-On Coaxial Connectors (PC Card Type 2 Mountable)
POD3-J-DFS111 HIROSE-POD3-J-DFS111 Datasheet
99Kb / 4P
Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 Mountable)
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Winchester Electronics ...
10302 WINCHESTER-10302 Datasheet
91Kb / 1P
COAXIAL CONNECTOR 50 OHM SNAP ON TYPE
logo
Panasonic Semiconductor
ACJ2212 PANASONIC-ACJ2212 Datasheet
167Kb / 6P
SUPER MINIATURE PC BOARD TYPE
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
Ultra- Miniature Push-on Lock Coaxial Connectors
logo
Wurth Elektronik GmbH &...
70965XXXX WURTH-70965XXXX Datasheet
37Kb / 1P
AsSNSN Miniature snap-on spacer arresting on both sides
709659000 WURTH-709659000 Datasheet
77Kb / 1P
MINIATURE SNAP-ON STOP SPACER
logo
Hirose Electric
MMCX HIROSE-MMCX Datasheet
166Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com