Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9272 Datasheet (PDF) - Torex Semiconductor

XC9272 Datasheet PDF - Torex Semiconductor
Part # XC9272
Download  XC9272 Download
File Size   1709.35 Kbytes
Page   23 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 0.6V~0.95V (짹20mV, 0.05V step increments)

XC9272 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9272 Datasheet PDF - Torex Semiconductor

Part # XC9272
Download  XC9272 Click to download

File Size   1709.35 Kbytes
Page   23 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 0.6V~0.95V (짹20mV, 0.05V step increments)

XC9272 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9272

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9275 TOREX-XC9275 Datasheet
1Mb / 28P
COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9276 TOREX-XC9276 Datasheet
1Mb / 30P
Ultra-Low Quiescent Current, Synchronous Step-Down PFM DC/DC Converter with Output voltage selectable function
More results


Similar Description - XC9272

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 4
logo
Delta Electronics, Inc.
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
4.5V~13.8Vin, 0.6V~5.0Vout, 60A
logo
Diodes Incorporated
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
ZXRE160_V1 DIODES-ZXRE160_V1 Datasheet
383Kb / 2P
ZXRE160 0.6V Shunt Regulator
JULY 2012
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
Output Voltage Range: 0.6V to VIN
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
Output Voltage Range: 0.6V to VIN
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com