Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPP-3008 Datasheet (PDF) - Innovative Power Products, Inc.

IPP-3008 Datasheet PDF - Innovative Power Products, Inc.
Part # IPP-3008
Download  IPP-3008 Download
File Size   75.69 Kbytes
Page   1 Pages
Manufacturer  IPP [Innovative Power Products, Inc.]
Direct Link  https://innovativepp.com/
Logo IPP - Innovative Power Products, Inc.
Description OUTLINE SDC,700-4200 MHz, 20dB

IPP-3008 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPP-3008 Datasheet PDF - Innovative Power Products, Inc.

Part # IPP-3008
Download  IPP-3008 Click to download

File Size   75.69 Kbytes
Page   1 Pages
Manufacturer  IPP [Innovative Power Products, Inc.]
Direct Link  https://innovativepp.com/
Logo IPP - Innovative Power Products, Inc.
Description OUTLINE SDC,700-4200 MHz, 20dB

IPP-3008 Datasheet (HTML) - Innovative Power Products, Inc.




Similar Part No. - IPP-3008

ManufacturerPart #DatasheetDescription
logo
Innovative Power Produc...
IPP-3003 IPP-IPP-3003 Datasheet
70Kb / 1P
OUTLINE, DUAL DIRECTIONAL COUPLER
IPP-3004 IPP-IPP-3004 Datasheet
69Kb / 1P
OUTLINE, DUAL DIRECTIONAL COUPLER
IPP-3005 IPP-IPP-3005 Datasheet
71Kb / 1P
DUAL DIRECTIONAL COUPLER
IPP-3006 IPP-IPP-3006 Datasheet
63Kb / 1P
DUAL DIRECTIONAL COUPLER
IPP-3007 IPP-IPP-3007 Datasheet
65Kb / 1P
DUAL DIRECTIONAL COUPLER
More results


Similar Description - IPP-3008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-140 MACOM-CH-140_1 Datasheet
43Kb / 2P
20dB, Bi-Directional Couplers, 1 - 5000 MHz
MA4EX600L1-1225T MACOM-MA4EX600L1-1225T Datasheet
131Kb / 3P
Silicon Double Balanced HMIC Mixer 4200 - 6000 MHz
logo
Mini-Circuits
ZFBT-4R2G-FT MINI-ZFBT-4R2G-FT Datasheet
128Kb / 1P
Wideband 10 to 4200 MHz
logo
Advanced Technical Mate...
250-442-C2 ATM-250-442-C2 Datasheet
78Kb / 1P
OUTLINE, WRD250 HORN ANTENNA, 18-20dB
logo
M/A-COM Technology Solu...
MA4EX600H-1225T MA-COM-MA4EX600H-1225T Datasheet
82Kb / 2P
Silicon Double Balanced HMIC Mixer 4200 - 6000 MHz
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
logo
API Technologies Corp
CMN538-20 APITECH-CMN538-20 Datasheet
129Kb / 2P
900 MHz Transmit Filter, 20dB Rejection
logo
Innovative Power Produc...
IPP-8013 IPP-IPP-8013 Datasheet
104Kb / 1P
OUTLINE, SMD COUPLER SDC
IPP-8015 IPP-IPP-8015 Datasheet
102Kb / 1P
OUTLINE, SMD COUPLER SDC
logo
KR Electronics, Inc.
3260-700 KR-3260-700 Datasheet
70Kb / 3P
700 MHz Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com