Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV1000 Datasheet (PDF) - IXYS Corporation

HV1000 Datasheet PDF - IXYS Corporation
Part # HV1000
Download  HV1000 Download
File Size   335.43 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Voltage > 850V, Output Current > 18A

HV1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV1000 Datasheet PDF - IXYS Corporation

Part # HV1000
Download  HV1000 Click to download

File Size   335.43 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Voltage > 850V, Output Current > 18A

HV1000 Datasheet (HTML) - IXYS Corporation




Similar Part No. - HV1000

ManufacturerPart #DatasheetDescription
logo
Digimess Instruments Lt...
HV100001 DIGIMESS-HV100001 Datasheet
469Kb / 1P
HS Series Power Supply Units
More results


Similar Description - HV1000

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Analog Devices
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
Voltage Output Current Shunt Monitor
logo
Inchange Semiconductor ...
2SK1018 ISC-2SK1018 Datasheet
69Kb / 2P
Drain Current ?밒D=18A@ TC=25C
logo
Texas Instruments
PT5800 TI1-PT5800_14 Datasheet
227Kb / 13P
18A Output Current
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
logo
DATEL, Inc.
HB24S28-12.5 DATEL-HB24S28-12.5 Datasheet
103Kb / 1P
Half-Brick, 28V Output Voltage, 12.5A Output Current
HB48S3.3-70 DATEL-HB48S3.3-70 Datasheet
103Kb / 1P
Half-Brick, 3.3V Output Voltage, 70A Output Current
logo
List of Unclassifed Man...
USB-3100 ETC-USB-3100 Datasheet
830Kb / 7P
USB Voltage and Current Output
December 2018. Rev 4
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com