Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-B10 Datasheet (PDF) - LEM

AP-B10 Datasheet PDF - LEM
Part # AP-B10
Download  AP-B10 Download
File Size   56.39 Kbytes
Page   2 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description AC Current transducer AP-B10

AP-B10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP-B10 Datasheet PDF - LEM

Part # AP-B10
Download  AP-B10 Click to download

File Size   56.39 Kbytes
Page   2 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description AC Current transducer AP-B10

AP-B10 Datasheet (HTML) - LEM


AP-B10 Product details

AC Current transducer AP-B10

Split core transducer for the electronic measurement AC waveforms current, with galvanic isolation between the primary (High power) and the secondary circuits (Electronic circuit). Switch selectable ranges and RMS 0-5V and 0-10V switch selectable voltage output.

Features
• RMS output
• Split core type
• 5V & 10V switch selectable voltage output.
• DIN mounting & Panel mounting
• Eliminates insertion loss
• Switch selectable ranges

Advantages
• Large aperture for cable up to Ø18mm
• High isolation between primary and secondary circuits
• Easy to mount

Applications
• Automation systems
    Analog current reading for remote monitoring (e.g. motor) and software alarms.
•  Panelmeters
    Simple connection displays power consumption.




Similar Part No. - AP-B10

ManufacturerPart #DatasheetDescription
logo
LEM
AP-B10 LEM-AP-B10 Datasheet
70Kb / 2P
AC Current transducer
AP-B10 LEM-AP-B10_1 Datasheet
70Kb / 2P
AC Current transducer
More results


Similar Description - AP-B10

ManufacturerPart #DatasheetDescription
logo
LEM
AP-B420L LEM-AP-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
APR-B10 LEM-APR-B10 Datasheet
56Kb / 2P
AC Current transducer APR-B10
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
AC Current transducer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com