Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ15005 Datasheet (PDF) - Nanjing International Group Co

KBJ15005 Datasheet PDF - Nanjing International Group Co
Part # KBJ15005
Download  KBJ15005 Download
File Size   445.6 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS

KBJ15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ15005 Datasheet PDF - Nanjing International Group Co

Part # KBJ15005
Download  KBJ15005 Click to download

File Size   445.6 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS

KBJ15005 Datasheet (HTML) - Nanjing International Group Co


KBJ15005 Product details

VOLTAGE RANGE 50 to 1000 Volts CURRENT 15.0 Ampere

FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Lead Free Finish/RoHS Compliant




Similar Part No. - KBJ15005

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ15005 RFE-KBJ15005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ15005 CHENDA-KBJ15005 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ15005 YFWDIODE-KBJ15005 Datasheet
634Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBJ15005 ZSELEC-KBJ15005 Datasheet
81Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - KBJ15005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
49Kb / 2P
Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_1 Datasheet
224Kb / 2P
Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_11 Datasheet
139Kb / 2P
Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBU1501 DGNJDZ-GBU1501 Datasheet
582Kb / 2P
15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
KBPC15 SECOS-KBPC15 Datasheet
350Kb / 2P
15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ15005 BYTESONIC-GBJ15005 Datasheet
412Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.3 2018/3/19
KBJ15005 BYTESONIC-KBJ15005 Datasheet
327Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.3 2018/3/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com