Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB200-S Datasheet (PDF) - LEM

LB200-S Datasheet PDF - LEM
Part # LB200-S
Download  LB200-S Download
File Size   133.5 Kbytes
Page   2 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Current Transducer LB 200-S/SP4

LB200-S Datasheet (PDF)

Go To PDF Page Download Datasheet
LB200-S Datasheet PDF - LEM

Part # LB200-S
Download  LB200-S Click to download

File Size   133.5 Kbytes
Page   2 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Current Transducer LB 200-S/SP4

LB200-S Datasheet (HTML) - LEM


LB200-S Product details

For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).

Features
• Closed loop (compensated) current transducer using the Hall effect
• Insulated plastic case recognized according to UL 94-V0.

Special features
• VC = ± 15 V (± 5 %)
• KN = 1 : 1000
• Shield
• Negligeable zero crossing distortion
• Low noise electronics
• TA = + 20°C .. + 50°C
• Low IOT
• Transducers matched based on thermal drift to within TA ≤ 0.01 mA.

Advantages
• Better frequency response
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external interference
• Current overload capability.

Applications
• AC variable speed drives and servo motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies (UPS)
• Switched Mode Power Supplies (SMPS)
• Power supplies for welding applications.




Similar Part No. - LB200-S

ManufacturerPart #DatasheetDescription
logo
Europa PLC
LB200-2503PNLGP/PSNGP EUROPA-LB200-2503PNLGP/PSNGP Datasheet
324Kb / 2P
AC-22@400V(415V) Enclosed Door Interlocked Load Break Switches
More results


Similar Description - LB200-S

ManufacturerPart #DatasheetDescription
logo
LEM
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
CURRENT TRANSDUCER LF 205-S
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
Current Transducer HNC- 200~300P
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
Current Transducer LA 200-P
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
Current Transducer LA 305-S
LB100-S LEM-LB100-S Datasheet
53Kb / 2P
Current Transducer LB 100-S/SP3
LB500-S LEM-LB500-S Datasheet
132Kb / 2P
Current Transducer LB 500-S/SP1
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
Current Transducer LB 1000-SI/SP2
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
Current Transducer LF 1005-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
Current Transducer LT 4000-S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com