Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB15-01 Datasheet (PDF) - Diotec Semiconductor

DB15-01 Datasheet PDF - Diotec Semiconductor
Part # DB15-01
Download  DB15-01 Download
File Size   180.01 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Three-Phase Si-Bridge Rectifiers

DB15-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB15-01 Datasheet PDF - Diotec Semiconductor

Part # DB15-01
Download  DB15-01 Click to download

File Size   180.01 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Three-Phase Si-Bridge Rectifiers

DB15-01 Datasheet (HTML) - Diotec Semiconductor


DB15-01 Product details

Three-Phase Si-Bridge Rectifiers

• Nominal current                                        15 A
• Repetitive peak reverse voltage   50…1600 V
• Plastic case with alu-bottom
• Dimensions                  28.5 x 28.5 x 10 [mm]
• Weight approx.                                        21 g
• Compound has classification UL94V-0
• Standard packaging: bulk see page 22




Similar Part No. - DB15-01

ManufacturerPart #DatasheetDescription
logo
Semikron International
DB15-01 SEMIKRON-DB15-01 Datasheet
227Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB15-01 DIOTEC-DB15-01 Datasheet
97Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB15-01 SEMIKRON-DB15-01 Datasheet
231Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
DB15-01 BILIN-DB15-01 Datasheet
104Kb / 1P
THREE - PHASE SILICON BRIDGE
More results


Similar Description - DB15-01

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
Three-Phase Si-Bridge-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com