Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR1527SDC Datasheet (PDF) - Tripp Lite. All Rights Reserved

DDR1527SDC Datasheet PDF - Tripp Lite. All Rights Reserved
Part # DDR1527SDC
Download  DDR1527SDC Download
File Size   493.01 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays

DDR1527SDC Datasheet (PDF)

Go To PDF Page Download Datasheet
DDR1527SDC Datasheet PDF - Tripp Lite. All Rights Reserved

Part # DDR1527SDC
Download  DDR1527SDC Click to download

File Size   493.01 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays

DDR1527SDC Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - DDR1527SDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDR15PNBT ETC2-DDR15PNBT Datasheet
745Kb / 6P
PCB layouts
DDR15PNBTD ETC2-DDR15PNBTD Datasheet
811Kb / 6P
Plug viewed from above, socket viewed from below.
DDR15PWBT ETC2-DDR15PWBT Datasheet
745Kb / 6P
PCB layouts
More results


Similar Description - DDR1527SDC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1026MQ TRIPPLITE-DDR1026MQ Datasheet
514Kb / 2P
Quad Desk Mount for 10" to 26" Flat-Screen Displays
DDR1026SD TRIPPLITE-DDR1026SD Datasheet
505Kb / 2P
Dual Desk Mount for 10" to 26" Flat-Screen Displays
DDR1032SE TRIPPLITE-DDR1032SE Datasheet
503Kb / 2P
Single Desk Mount for 10" to 32" Flat-Screen Displays
DDR1326SD TRIPPLITE-DDR1326SD Datasheet
509Kb / 2P
Dual Desk Mount for 13" to 26" Flat-Screen Displays
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SQFC TRIPPLITE-DDR1327SQFC Datasheet
496Kb / 2P
Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SDD TRIPPLITE-DDR1327SDD Datasheet
166Kb / 3P
Dual-Monitor Desktop Mount Stand for 13" to 27" Flat-Screen Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com