Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGL34A Datasheet (PDF) - Diotec Semiconductor

EGL34A Datasheet PDF - Diotec Semiconductor
Part # EGL34A
Download  EGL34A Download
File Size   122.7 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Ultrafast Switching Surface Mount Si-Rectifiers

EGL34A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGL34A Datasheet PDF - Diotec Semiconductor

Part # EGL34A
Download  EGL34A Click to download

File Size   122.7 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Ultrafast Switching Surface Mount Si-Rectifiers

EGL34A Datasheet (HTML) - Diotec Semiconductor


EGL34A Product details

Ultrafast Switching Surface Mount Si-Rectifiers

• Nominal current                                      0.5 A
• Repetitive peak reverse voltage    50…400 V
• Plastic case MiniMELF                      SOD-80
• Weight approx.                                     0.04 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled see page 18




Similar Part No. - EGL34A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGL34A GE-EGL34A Datasheet
85Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Micro Commercial Compon...
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Semikron International
EGL34A SEMIKRON-EGL34A Datasheet
134Kb / 2P
Ultrafast silicon rectifier diodes
logo
Vishay Siliconix
EGL34A VISHAY-EGL34A Datasheet
49Kb / 2P
Surface Mount Glass Passivated Ultrafast Rectifier
03-Apr-03
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A Datasheet
101Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results


Similar Description - EGL34A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL1A DIOTEC-EGL1A Datasheet
121Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
Ultrafast Switching Si-Rectifiers
US1A DIOTEC-US1A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US3A DIOTEC-US3A Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com