Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1A Datasheet (PDF) - Diotec Semiconductor

FR1A Datasheet PDF - Diotec Semiconductor
Part # FR1A
Download  FR1A Download
File Size   163.95 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Surface Mount Si-Rectifiers

FR1A Datasheet (PDF)

Go To PDF Page Download Datasheet
FR1A Datasheet PDF - Diotec Semiconductor

Part # FR1A
Download  FR1A Click to download

File Size   163.95 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Surface Mount Si-Rectifiers

FR1A Datasheet (HTML) - Diotec Semiconductor


FR1A Product details

Features
   VRRM up to 1000 V
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Rectification of medium frequencies,
   Snubber or Bootstrap diodes
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 7500 / 13“
   Weight approx. 0.07 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                     MSL = 1




Similar Part No. - FR1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR1A PANJIT-FR1A Datasheet
60Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
FR1A SURGE-FR1A Datasheet
77Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Won-Top Electronics
FR1A WTE-FR1A Datasheet
50Kb / 3P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Similar Description - FR1A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR2A DIOTEC-FR2A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A Datasheet
155Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR1A DIOTEC-FR1A_07 Datasheet
102Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR2TSMA DIOTEC-FR2TSMA Datasheet
90Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR3A DIOTEC-FR3A_07 Datasheet
105Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL1A DIOTEC-RGL1A_07 Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
RGL34A DIOTEC-RGL34A_07 Datasheet
103Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA154 DIOTEC-SA154_07 Datasheet
73Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
SA261 DIOTEC-SA261_07 Datasheet
68Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com