Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C Datasheet (PDF) - Olitech Electronics Co.Ltd

BZX84C Datasheet PDF - Olitech Electronics Co.Ltd
Part # BZX84C
Download  BZX84C Download
File Size   611.7 Kbytes
Page   3 Pages
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd
Description BZX84C series

BZX84C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C Datasheet PDF - Olitech Electronics Co.Ltd

Part # BZX84C
Download  BZX84C Click to download

File Size   611.7 Kbytes
Page   3 Pages
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd
Description BZX84C series

BZX84C Datasheet (HTML) - Olitech Electronics Co.Ltd


BZX84C Product details

FEATURES

• Planar Die Construction.

• 350m Power Dissipation

• Zener Voltages From 2.4V - 39V

• Ideally Suited For Automated Assembly Prcesses



 




Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results


Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Fairchild Semiconductor
BZX84C11 FAIRCHILD-BZX84C11 Datasheet
1Mb / 4P
Zeners BZX84C 3V3 - BZX84C 33
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
SEMTECH ELECTRONICS LTD...
BZX84CSEW SEMTECH_ELEC-BZX84CSEW Datasheet
445Kb / 2P
BZX84C…SEW Series SILICON PLANAR ZENER DIODES
11/09/2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com