Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC808 Datasheet (PDF) - Diotec Semiconductor

KBPC808 Datasheet PDF - Diotec Semiconductor
Part # KBPC808
Download  KBPC808 Download
File Size   199.07 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

KBPC808 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC808 Datasheet PDF - Diotec Semiconductor

Part # KBPC808
Download  KBPC808 Click to download

File Size   199.07 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

KBPC808 Datasheet (HTML) - Diotec Semiconductor


KBPC808 Product details

Silicon-Bridge Rectifiers

• Nominal current                             8 A
• Alternating input voltage    35…700 V
• Plastic case           19 x 19 x 6.8 [mm]
• Weight approx.                           5.5 g
• Plastic material has UL classification 94V-0
• Standard packaging: bulk see page 22




Similar Part No. - KBPC808

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC808 WTE-KBPC808 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC808 JGD-KBPC808 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC808 SEMTECH-KBPC808 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC808 SSE-KBPC808 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC808 CHENYI-KBPC808 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBPC808

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com