Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V4 Datasheet (PDF) - Diotec Semiconductor

MM3Z2V4 Datasheet PDF - Diotec Semiconductor
Part # MM3Z2V4
Download  MM3Z2V4 Download
File Size   48.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Zener Diodes

MM3Z2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z2V4 Datasheet PDF - Diotec Semiconductor

Part # MM3Z2V4
Download  MM3Z2V4 Click to download

File Size   48.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Zener Diodes

MM3Z2V4 Datasheet (HTML) - Diotec Semiconductor


MM3Z2V4 Product details

Surface mount Zener Diodes

• Power dissipation                            200 mW
• Nominal Zener voltage             2.4 ... 100 V
• Plastic case                                   SOD-323
• Weight approx.                                 0.005 g
• Standard packaging taped and reeled




Similar Part No. - MM3Z2V4

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM3Z2V4 WEITRON-MM3Z2V4 Datasheet
214Kb / 5P
Surface Mount Zener Diodes
logo
Diotec Semiconductor
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
95Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z2V4 SECOS-MM3Z2V4 Datasheet
198Kb / 3P
Surface Mount Zener Diode
logo
SEMTECH ELECTRONICS LTD...
MM3Z2V4 SEMTECH_ELEC-MM3Z2V4 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
More results


Similar Description - MM3Z2V4

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com