Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR820 Datasheet (PDF) - Diotec Semiconductor

MR820 Datasheet PDF - Diotec Semiconductor
Part # MR820
Download  MR820 Download
File Size   199.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Silicon Rectifiers

MR820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR820 Datasheet PDF - Diotec Semiconductor

Part # MR820
Download  MR820 Click to download

File Size   199.99 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Silicon Rectifiers

MR820 Datasheet (HTML) - Diotec Semiconductor


MR820 Product details

Features
High forward surge current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Application
Rectification of medium frequencies, Snubber or Bootstrap diodes Commercial grade 1)

Mechanical Data 1)
  Taped in ammo pack               500
  Weight approx.                      1.7 g
  Case material                        UL 94V-0
  Solder & assembly conditions     260°C/10s
                                                 MSL N/A




Similar Part No. - MR820

ManufacturerPart #DatasheetDescription
logo
Semikron International
MR820 SEMIKRON-MR820 Datasheet
155Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
58Kb / 2P
Fast Silicon-Rectifiers
logo
Semikron International
MR820 SEMIKRON-MR820 Datasheet
159Kb / 2P
Fast silicon rectifier diodes
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
logo
DIOTEC Electronics Corp...
MR820 DEC-MR820 Datasheet
85Kb / 1P
35 AMP LEAD MOUNT FAST RECOVERY BUTTON DIODES
More results


Similar Description - MR820

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
R30A SEMTECH-R30A Datasheet
148Kb / 3P
FAST SILICON RECTIFIERS
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
Fast Silicon Rectifiers
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
BY50050 DIOTEC-BY50050 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
D-BYW36 DIOTEC-D-BYW36_08 Datasheet
78Kb / 2P
Fast Silicon Rectifiers
logo
Shenzhen Taychipst Elec...
MR820 TAYCHIPST-MR820 Datasheet
3Mb / 2P
Fast Silicon Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com