Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB32XAE Datasheet (PDF) - Pericom Semiconductor Corporation

PI3USB32XAE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3USB32XAE
Download  PI3USB32XAE Download
File Size   1024.38 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature

PI3USB32XAE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB32XAE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3USB32XAE
Download  PI3USB32XAE Click to download

File Size   1024.38 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature

PI3USB32XAE Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - PI3USB32XAE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3200 DIODES-PI3USB3200 Datasheet
91Kb / 1P
3.3V, USB3.1 Gen2 and USB2, 3:2 Mux/DeMux
More results


Similar Description - PI3USB32XAE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB31 TI-TS3USB31 Datasheet
650Kb / 17P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
13-Oct-08
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Vishay Siliconix
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
15-Dec-14
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jan-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com