Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600B Datasheet (PDF) - Diotec Semiconductor

P600B Datasheet PDF - Diotec Semiconductor
Part # P600B
Download  P600B Download
File Size   176.62 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifiers

P600B Datasheet (PDF)

Go To PDF Page Download Datasheet
P600B Datasheet PDF - Diotec Semiconductor

Part # P600B
Download  P600B Click to download

File Size   176.62 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifiers

P600B Datasheet (HTML) - Diotec Semiconductor


P600B Product details

Features
    Package smaller than industry standard VRRM up to 1400 V High forward surge current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Application
    50/60 Hz Mains Rectification, Power Supplies, Polarity Protection Commercial grade 1)

Mechanical Data 1)
    Taped in ammo pack 500
    Weight approx. 1.7 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL N/A




Similar Part No. - P600B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600B PANJIT-P600B Datasheet
50Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Transys Electronics
P600B TRSYS-P600B Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
P600B WTE-P600B Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Semtech Corporation
P600B SEMTECH-P600B Datasheet
127Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Dc Components
P600B DCCOM-P600B Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Similar Description - P600B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com