Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S500 Datasheet (PDF) - Diotec Semiconductor

S500 Datasheet PDF - Diotec Semiconductor
Part # S500
Download  S500 Download
File Size   139.46 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Bridge Rectifiers

S500 Datasheet (PDF)

Go To PDF Page Download Datasheet
S500 Datasheet PDF - Diotec Semiconductor

Part # S500
Download  S500 Click to download

File Size   139.46 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Si-Bridge Rectifiers

S500 Datasheet (HTML) - Diotec Semiconductor


S500 Product details

Surface Mount Si-Bridge Rectifiers

• Nominal current                               0.8 A
• Alternating input voltage         40…500 V
• Plastic case             4.7 x 3.9 x 2.4 [mm]
• Weight approx.                               0.1 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled see page 18




Similar Part No. - S500

ManufacturerPart #DatasheetDescription
logo
Semikron International
S500 SEMIKRON-S500 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S500 DIOTEC-S500 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S500 DIOTEC-S500 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S500 BILIN-S500 Datasheet
136Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
S500 SECOS-S500 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
More results


Similar Description - S500

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MYS40 DIOTEC-MYS40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
Surface Mount Si-Bridge Rectifiers
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MYS40 DIOTEC-MYS40_07 Datasheet
117Kb / 2P
Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_07 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_06 Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MS40 DIOTEC-MS40_11 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com