Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK22 Datasheet (PDF) - Diotec Semiconductor

SK22 Datasheet PDF - Diotec Semiconductor
Part # SK22
Download  SK22 Download
File Size   169.8 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky-Rectifiers

SK22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK22 Datasheet PDF - Diotec Semiconductor

Part # SK22
Download  SK22 Click to download

File Size   169.8 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky-Rectifiers

SK22 Datasheet (HTML) - Diotec Semiconductor


SK22 Product details

Features
Low forward voltage drop
Compliant to RoHS, REACH,
Conflict Minerals 1)

Typical Applications
   Output Rectification in DC/DC
   Converters, Polarity Protection,
   Free-wheeling diodes
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 13“
   Weight approx. 0.1 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - SK22

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
SK22 SURGE-SK22 Datasheet
84Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Transys Electronics
SK22 TRSYS-SK22 Datasheet
173Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SK22 DCCOM-SK22 Datasheet
2Mb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK22

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com