Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB874 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB874 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB874
Download  2SB874 Download
File Size   111.54 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)

2SB874 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB874 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB874
Download  2SB874 Click to download

File Size   111.54 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)

2SB874 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB874 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
• Low Collector Saturation Voltage : VCE(sat)= -1.0V(Max)@IC= -1.5A
• Complement to Type 2SD1177

APPLICATIONS
• Designed for low frequency power amplifier applications.




Similar Part No. - 2SB874

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB874 HITACHI-2SB874 Datasheet
348Kb / 2P
LOW PREQUENCY POWER AMPLIFIER COMPLEMENTARY PAIR WITH 2SD1177
logo
New Jersey Semi-Conduct...
2SB874 NJSEMI-2SB874 Datasheet
72Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SB874

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1080 ISC-2SA1080 Datasheet
98Kb / 2P
Collector-Emitter Breakdown Voltage- : V(BR)CEO= -40V(Min.)
2SA1096A ISC-2SA1096A Datasheet
109Kb / 2P
High Collector-Emitter Breakdown Voltage- V(BR)CEO= -60V (Min)
3DD101A ISC-3DD101A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 100V(Min.)
3DD325 ISC-3DD325 Datasheet
195Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
3DD15A ISC-3DD15A Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 60V(Min.)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
BD950 ISC-BD950 Datasheet
194Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= -60V(Min)
BUY55 ISC-BUY55 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 125V(Min.)
BUY24 ISC-BUY24 Datasheet
192Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 60V(Min.)
BUY77 ISC-BUY77 Datasheet
194Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO = 250V(Min.)
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com