Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMZ10 Datasheet (PDF) - Diotec Semiconductor

SMZ10 Datasheet PDF - Diotec Semiconductor
Part # SMZ10
Download  SMZ10 Download
File Size   55.44 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Silicon-Zener Diodes (non-planar technology)

SMZ10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMZ10 Datasheet PDF - Diotec Semiconductor

Part # SMZ10
Download  SMZ10 Click to download

File Size   55.44 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Silicon-Zener Diodes (non-planar technology)

SMZ10 Datasheet (HTML) - Diotec Semiconductor


SMZ10 Product details

Surface mount Silicon-Zener Diodes (non-planar technology)

• Maximum power dissipation          2 W
• Nominal Z-voltage                         1…200 V
• Plastic case MELF                         DO-213AB
• Weight approx.                               0.12 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled see page 18




Similar Part No. - SMZ10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMZ10 DIOTEC-SMZ10 Datasheet
106Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SMZ10 SEMIKRON-SMZ10 Datasheet
50Kb / 1P
Surface mount diode Zener silicon diodes
SMZ10 SEMIKRON-SMZ10 Datasheet
54Kb / 3P
Zener silicon diodes
logo
Diotec Semiconductor
SMZ10 DIOTEC-SMZ10 Datasheet
158Kb / 3P
Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Shenzhen Luguang Electr...
SMZ10 LUGUANG-SMZ10 Datasheet
143Kb / 2P
Surface mount Silicon-Zener Diodes
More results


Similar Description - SMZ10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_10 Datasheet
101Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com