Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZY11 Datasheet (PDF) - Diotec Semiconductor

ZY11 Datasheet PDF - Diotec Semiconductor
Part # ZY11
Download  ZY11 Download
File Size   111.83 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power-Z-Diodes (non-planar technology)

ZY11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZY11 Datasheet PDF - Diotec Semiconductor

Part # ZY11
Download  ZY11 Click to download

File Size   111.83 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power-Z-Diodes (non-planar technology)

ZY11 Datasheet (HTML) - Diotec Semiconductor


ZY11 Product details

Maximum power dissipation                           2 W

Nominal Z-voltage ñ Nominale Z-Spannung      1....200 V

Plastic case                                                DO-41

Weight approx. ñ Gewicht ca.                         0.4 g

Plastic material has UL classification 94V-0

Standard packaging taped in ammo pack see page 16

 



 




Similar Part No. - ZY11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
General Semiconductor
ZY11 GE-ZY11 Datasheet
364Kb / 7P
ZENER DIODES
logo
Continental Device Indi...
ZY11 CDIL-ZY11 Datasheet
80Kb / 3P
SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY11 EIC-ZY11 Datasheet
43Kb / 2P
SILICON ZENER DIODES
logo
Vishay Siliconix
ZY11 VISHAY-ZY11 Datasheet
320Kb / 7P
Zener Diodes
02-May-02
More results


Similar Description - ZY11

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZX39 DIOTEC-ZX39 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B Datasheet
93Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
BZV58C8V2 DIOTEC-BZV58C8V2 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
Silicon-Power-Zener Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B Datasheet
84Kb / 2P
Silicon Power Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_15 Datasheet
142Kb / 3P
Silicon-Power-Zener Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
Silicon Power Z-Diodes (non-planar technology)
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com