Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC2712 Datasheet (PDF) - Nanjing International Group Co

MMBTSC2712 Datasheet PDF - Nanjing International Group Co
Part # MMBTSC2712
Download  MMBTSC2712 Download
File Size   116.51 Kbytes
Page   3 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN Silicon Epitaxial Planar Transistor

MMBTSC2712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTSC2712 Datasheet PDF - Nanjing International Group Co

Part # MMBTSC2712
Download  MMBTSC2712 Click to download

File Size   116.51 Kbytes
Page   3 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description NPN Silicon Epitaxial Planar Transistor

MMBTSC2712 Datasheet (HTML) - Nanjing International Group Co


MMBTSC2712 Product details

NPN Silicon Epitaxial Planar Transistor
for audio frequency general purpose amplifier applications.

The transistor is subdivided into four groups O, Y, G and L,
according to its DC current gain.

Features
• High voltage and high current: VCEO=50V, IC=150mA(max)
• High hFE: hFE=70~700
• Low noise: NF=1dB(typ.), 10dB(max)
• Small package




Similar Part No. - MMBTSC2712

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTSC2712 SEMTECH_ELEC-MMBTSC2712 Datasheet
244Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Dongguan Pingjingsemi T...
MMBTSC2712 PJSEMI-MMBTSC2712 Datasheet
787Kb / 3P
NPN Transistor
MMBTSC2712G PJSEMI-MMBTSC2712G Datasheet
787Kb / 3P
NPN Transistor
MMBTSC2712L PJSEMI-MMBTSC2712L Datasheet
787Kb / 3P
NPN Transistor
MMBTSC2712O PJSEMI-MMBTSC2712O Datasheet
787Kb / 3P
NPN Transistor
More results


Similar Description - MMBTSC2712

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com