Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54A Datasheet (PDF) - Diotec Semiconductor

BAT54A Datasheet PDF - Diotec Semiconductor
Part # BAT54A
Download  BAT54A Download
File Size   262.33 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Schottky-Barrier Single-/ Double-Diodes

BAT54A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54A Datasheet PDF - Diotec Semiconductor

Part # BAT54A
Download  BAT54A Click to download

File Size   262.33 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Schottky-Barrier Single-/ Double-Diodes

BAT54A Datasheet (HTML) - Diotec Semiconductor


BAT54A Product details

• Power dissipation                      310 mW

• Repetitive peak reverse voltage    30 V

• Plastic case                              SOT-23

• Weight approx.                         0.01 g

• Plastic material has UL classification 94V-0

• Standard packaging taped and reeled

 



 




Similar Part No. - BAT54A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54A PHILIPS-BAT54A Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54A STMICROELECTRONICS-BAT54A Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Zetex Semiconductors
BAT54A ZETEX-BAT54A Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Zowie Technology Corpor...
BAT54A ZOWIE-BAT54A Datasheet
50Kb / 2P
SCHOTTKY BARRIER DIODE
More results


Similar Description - BAT54A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS40 DIOTEC-BAS40 Datasheet
248Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAS70 DIOTEC-BAS70 Datasheet
76Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAT54W DIOTEC-BAT54W Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
BAS40 DIOTEC-BAS40_05 Datasheet
143Kb / 2P
Surface Mount Schottky Barrier Single/Double Diodes
BAS70 DIOTEC-BAS70_10 Datasheet
149Kb / 2P
Surface Mount Schottky Barrier Single/Dual Diodes
BAT54 DIOTEC-BAT54_11 Datasheet
162Kb / 2P
Surface Mount Schottky Barrier Single/Dual Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54W DIOTEC-BAT54W Datasheet
149Kb / 2P
Surface Mount Schottky-Barrier Double-Diodes
BAS40 DIOTEC-BAS40_15 Datasheet
153Kb / 2P
Surface Mount Schottky Barrier Single/Double Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com