Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99W Datasheet (PDF) - Diotec Semiconductor

BAV99W Datasheet PDF - Diotec Semiconductor
Part # BAV99W
Download  BAV99W Download
File Size   152.04 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Small Signal Double-Diodes

BAV99W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99W Datasheet PDF - Diotec Semiconductor

Part # BAV99W
Download  BAV99W Click to download

File Size   152.04 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Small Signal Double-Diodes

BAV99W Datasheet (HTML) - Diotec Semiconductor


BAV99W Product details

SMD Small Signal Diodes

Features
   Very high switching speed
   Low junction capacitance
   Low leakage current
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed
   Switching, Rectifying
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                     MSL = 1




Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results


Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
BAV70 DIOTEC-BAV70 Datasheet
147Kb / 2P
Surface mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99 Datasheet
167Kb / 2P
Surface mount Small Signal Double-Diodes
BAV70 DIOTEC-BAV70_07 Datasheet
116Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV70W DIOTEC-BAV70W Datasheet
116Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99_07 Datasheet
117Kb / 2P
Surface Mount Small Signal Double-Diodes
BAW56 DIOTEC-BAW56_07 Datasheet
117Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV70 DIOTEC-BAV70_15 Datasheet
119Kb / 2P
Surface Mount Small Signal Double-Diodes
BAV99 DIOTEC-BAV99_15 Datasheet
120Kb / 2P
Surface Mount Small Signal Double-Diodes
BAW56 DIOTEC-BAW56_15 Datasheet
120Kb / 2P
Surface Mount Small Signal Double-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com