Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56 Datasheet (PDF) - Diotec Semiconductor

BAW56 Datasheet PDF - Diotec Semiconductor
Part # BAW56
Download  BAW56 Download
File Size   188.32 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Planar Dual Small-Signal Diodes (common anode)

BAW56 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW56 Datasheet PDF - Diotec Semiconductor

Part # BAW56
Download  BAW56 Click to download

File Size   188.32 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Planar Dual Small-Signal Diodes (common anode)

BAW56 Datasheet (HTML) - Diotec Semiconductor


BAW56 Product details

Features
   Very high switching speed Low junction capacitance Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed Switching, Rectifying Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                MSL = 1




Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAW56 PHILIPS-BAW56 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAW56 VISHAY-BAW56 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAW56 TRSYS-BAW56 Datasheet
199Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAW56 WTE-BAW56 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Central Semiconductor C...
CMPZDA2V4 CENTRAL-CMPZDA2V4_10 Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
logo
Diotec Semiconductor
BAS31 DIOTEC-BAS31 Datasheet
130Kb / 2P
Surface Mount Small Signal Dual Diodes
BAV70W DIOTEC-BAV70W_09 Datasheet
116Kb / 2P
Surface Mount Small Signal Dual Diodes
logo
Central Semiconductor C...
CMLZDA2V4 CENTRAL-CMLZDA2V4_15 Datasheet
446Kb / 3P
SURFACE MOUNT SILICON DUAL, COMMON ANODE ZENER DIODES
CMPZDA3V6 CENTRAL-CMPZDA3V6_15 Datasheet
395Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
logo
Diotec Semiconductor
BAS31 DIOTEC-BAS31_15 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual Diodes
BAV23CC DIOTEC-BAV23CC_14 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com