Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV72 Datasheet (PDF) - Diotec Semiconductor

BCV72 Datasheet PDF - Diotec Semiconductor
Part # BCV72
Download  BCV72 Download
File Size   177.69 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BCV72 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCV72 Datasheet PDF - Diotec Semiconductor

Part # BCV72
Download  BCV72 Click to download

File Size   177.69 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BCV72 Datasheet (HTML) - Diotec Semiconductor


BCV72 Product details

Surface mount Si-Epitaxial PlanarTransistors

• Power dissipation                          250 mW
• Plastic case                                   SOT-23
• Weight approx.                                0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BCV72

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV72 PHILIPS-BCV72 Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
KEC(Korea Electronics)
BCV72 KEC-BCV72 Datasheet
154Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
logo
Guangdong Kexin Industr...
BCV72 KEXIN-BCV72 Datasheet
39Kb / 2P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72 NXP-BCV72 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
KEC(Korea Electronics)
BCV72 KEC-BCV72 Datasheet
311Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - BCV72

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com