Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC712ALP3C Datasheet (PDF) - Analog Devices

HMC712ALP3C Datasheet PDF - Analog Devices
Part # HMC712ALP3C
Download  HMC712ALP3C Download
File Size   948.44 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz

HMC712ALP3C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC712ALP3C Datasheet PDF - Analog Devices

Part # HMC712ALP3C
Download  HMC712ALP3C Click to download

File Size   948.44 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz

HMC712ALP3C Datasheet (HTML) - Analog Devices


HMC712ALP3C Product details

General Description
The HMC712ALP3CE is an absorptive Voltage Variable Attenuator (VVA) which operates from 5 - 26.5 GHz and is ideal in designs where an analog DC control signal must be used to control RF signal levels over a 28 dB amplitude range. It features two shunt-type attenuators which are controlled by two analog voltages, Vctrl1 and Vctrl2. Optimum linearity performance of the attenuator is achieved by first varying Vctrl1 of the 1st attenuation stage from -3V to 0V with Vctrl2 fixed at -3V. The control voltage of the 2nd attenuation stage, Vctrl2, should then be varied from -3V to 0V, with Vctrl1 fixed at 0V.

Features
   Wide Bandwidth: 5 - 26.5 GHz
   Excellent Linearity: +28 dBm Input P1dB
   Wide Attenuation Range: 28 dB
   Absorptive Topology
   Singe or Dual Control Operation
   16 Lead 3x3mm SMT Package: 9mm²

Typical Applications
The HMC712ALP3CE is ideal for:
• Point-to-Point Radio
• VSAT Radio
• Test Instrumentation
• Microwave Sensors
• Military, ECM & Radar




Similar Part No. - HMC712ALP3C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results


Similar Description - HMC712ALP3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
331Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC812LC4 HITTITE-HMC812LC4 Datasheet
301Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712 HITTITE-HMC712_10 Datasheet
496Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712LP3CE HITTITE-HMC712LP3CE_10 Datasheet
656Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC812LC4 HITTITE-HMC812LC4_11 Datasheet
521Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Analog Devices
HMC812ALC4 AD-HMC812ALC4 Datasheet
300Kb / 5P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com