Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX71 Datasheet (PDF) - Diotec Semiconductor

BCX71 Datasheet PDF - Diotec Semiconductor
Part # BCX71
Download  BCX71 Download
File Size   184.75 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BCX71 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX71 Datasheet PDF - Diotec Semiconductor

Part # BCX71
Download  BCX71 Click to download

File Size   184.75 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BCX71 Datasheet (HTML) - Diotec Semiconductor


BCX71 Product details

Surface mount Si-Epitaxial PlanarTransistors

• Power dissipation               250 mW
• Plastic case                         SOT-23
• Weight approx.                      0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BCX71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Infineon Technologies A...
BCX71 INFINEON-BCX71 Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
logo
Zetex Semiconductors
BCX71 ZETEX-BCX71 Datasheet
204Kb / 2P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
NXP Semiconductors
BCX71 NXP-BCX71 Datasheet
132Kb / 7P
PNP general purpose transistors
2004 Feb 16
logo
Central Semiconductor C...
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results


Similar Description - BCX71

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com