Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT688B Datasheet (PDF) - Diodes Incorporated

FZT688B Datasheet PDF - Diodes Incorporated
Part # FZT688B
Download  FZT688B Download
File Size   663.72 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V NPN MEDIUM POWER HIGH GAIN TRANSISTOR

FZT688B Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT688B Datasheet PDF - Diodes Incorporated

Part # FZT688B
Download  FZT688B Click to download

File Size   663.72 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V NPN MEDIUM POWER HIGH GAIN TRANSISTOR

FZT688B Datasheet (HTML) - Diodes Incorporated


FZT688B Product details

Features
• BVCEO > 12V
• BVCBO > 12V
• IC = 4A High Continuous Current
• hFE > 400 @ 3A and Low Saturation Voltage
• Extremely Low Equivalent On-Resistance; RCE(SAT) 83mΩ at 3A
• Complementary PNP Type: FZT788B
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Flash Gun Convertors
• Battery Powered Circuits




Similar Part No. - FZT688B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT688B ZETEX-FZT688B Datasheet
97Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
List of Unclassifed Man...
FZT688B ETC2-FZT688B Datasheet
109Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT688BTA ETC2-FZT688BTA Datasheet
109Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT688B DIODES-FZT688B_15 Datasheet
114Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
OCTOBER 1995
More results


Similar Description - FZT688B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
12V, SOT23, NPN medium power transistor
ZXTN07012EFF ZETEX-ZXTN07012EFF Datasheet
446Kb / 6P
12V, SOT23F, NPN high gain power transistor
ZXTN25012EZ ZETEX-ZXTN25012EZ Datasheet
387Kb / 8P
12V NPN high gain transistor
logo
Diodes Incorporated
ZXTN07012EFF DIODES-ZXTN07012EFF Datasheet
458Kb / 6P
12V, SOT23F, NPN high gain power transistor
SEPTEMBER 2006
ZXTN25012EFH DIODES-ZXTN25012EFH Datasheet
387Kb / 6P
12V, SOT23, NPN medium power transistor
MARCH 2008
FMMTL717 DIODES-FMMTL717_15 Datasheet
401Kb / 7P
12V PNP HIGH GAIN MEDIUM POWER TRANSISTOR IN SOT23
Rev 2
FZT694B DIODES-FZT694B_16 Datasheet
751Kb / 7P
120V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 4
FZT1051A DIODES-FZT1051A_15 Datasheet
817Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 6
FZT1147A DIODES-FZT1147A_16 Datasheet
569Kb / 7P
12V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
ZXTN07012EFF DIODES-ZXTN07012EFF_16 Datasheet
372Kb / 7P
12V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com