Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF820 Datasheet (PDF) - Diotec Semiconductor

BF820 Datasheet PDF - Diotec Semiconductor
Part # BF820
Download  BF820 Download
File Size   169.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BF820 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF820 Datasheet PDF - Diotec Semiconductor

Part # BF820
Download  BF820 Click to download

File Size   169.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BF820 Datasheet (HTML) - Diotec Semiconductor


BF820 Product details

Surface mount Si-Epitaxial PlanarTransistors

• Power dissipation –                    1.5 W
• Plastic case                           SOT-223
• Weight approx. –                      0.04 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BF820

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF820 PHILIPS-BF820 Datasheet
41Kb / 8P
NPN high-voltage transistors
1999 Apr 15
logo
General Semiconductor
BF820 GE-BF820 Datasheet
49Kb / 2P
Small Signal Transistors (NPN)
logo
Diotec Semiconductor
BF820 DIOTEC-BF820 Datasheet
172Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
TRANSYS Electronics Lim...
BF820 TEL-BF820 Datasheet
51Kb / 2P
SILICON EPITAXIAL TRANSISTORS
logo
Galaxy Semi-Conductor H...
BF820 BILIN-BF820 Datasheet
158Kb / 3P
NPN General Purpose Amplifier
More results


Similar Description - BF820

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com