Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1507 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SA1507 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SA1507
Download  2SA1507 Download
File Size   114.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Large Current Capacity

2SA1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1507 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SA1507
Download  2SA1507 Click to download

File Size   114.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Large Current Capacity

2SA1507 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SA1507 Product details

DESCRIPTION
• High Collector-Emitter Breakdown Voltage-
   V(BR)CEO= -160V (Min)
• Large Current Capacity
• Complement to Type 2SC3902

APPLICATIONS
• Designed for use in color TV audio output, converters and
   inverters.




Similar Part No. - 2SA1507

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507 Datasheet
130Kb / 4P
160V/1.5A Switching Applications
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
2SA1507 SANYO-2SA1507 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
logo
ON Semiconductor
2SA1507 ONSEMI-2SA1507 Datasheet
335Kb / 7P
Bipolar Transistor
August, 2013
More results


Similar Description - 2SA1507

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
microcomputer with large-capacity memory designed to
logo
Bourns Electronic Solut...
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
Very high current capacity
logo
List of Unclassifed Man...
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
High current capacity control
logo
ON Semiconductor
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
CIT Relay & Switch
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
Large switching capacity up to 80A
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
Large switching capacity up to 40A
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com