Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1264 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SA1264 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SA1264
Download  2SA1264 Download
File Size   111.12 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Complement to Type 2SC3181

2SA1264 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1264 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SA1264
Download  2SA1264 Click to download

File Size   111.12 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Complement to Type 2SC3181

2SA1264 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SA1264 Product details

DESCRIPTION
• Low Collector Saturation Voltage-
   : VCE(sat)= -2.0V(Min) @IC= -6A
• Good Linearity of hFE
• Complement to Type 2SC3181

APPLICATIONS
• Power amplifier applications
• Recommend for 55W high fidelity audio frequency
   amplifier output stage applications




Similar Part No. - 2SA1264

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1264 TOSHIBA-2SA1264 Datasheet
95Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
New Jersey Semi-Conduct...
2SA1264 NJSEMI-2SA1264 Datasheet
183Kb / 2P
Silicon PNP Power Transistor
logo
Inchange Semiconductor ...
2SA1264N ISC-2SA1264N Datasheet
150Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1264N SAVANTIC-2SA1264N Datasheet
167Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1264N JMNIC-2SA1264N Datasheet
204Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SA1264

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
Complement to Type 2SC3182
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
Complement to Type 2SC5248
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
Complement to Type 2SC4159
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
Complement to Type 2SD1352
2SB692 ISC-2SB692 Datasheet
90Kb / 2P
Complement to Type 2SD728
2SB1031 ISC-2SB1031 Datasheet
88Kb / 2P
Complement to Type 2SD1435
2SB612 ISC-2SB612 Datasheet
80Kb / 2P
Complement to Type 2SD582
2SC3789 ISC-2SC3789 Datasheet
185Kb / 2P
Complement to Type 2SA1479
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
Complement to Type 2SB1143
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com