Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS64 Datasheet (PDF) - Diotec Semiconductor

BSS64 Datasheet PDF - Diotec Semiconductor
Part # BSS64
Download  BSS64 Download
File Size   173.66 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BSS64 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS64 Datasheet PDF - Diotec Semiconductor

Part # BSS64
Download  BSS64 Click to download

File Size   173.66 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Si-Epitaxial PlanarTransistors

BSS64 Datasheet (HTML) - Diotec Semiconductor


BSS64 Product details

• Power dissipation               250 mW

• Plastic case                    SOT-23

• Weight approx.                  0.01 g

• Plastic material has UL classification 94V-0

• Standard packaging taped and reeled

 



 




Similar Part No. - BSS64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
NPN high-voltage transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BSS64 SIEMENS-BSS64 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BSS64 FAIRCHILD-BSS64 Datasheet
62Kb / 5P
NPN General Purpose Amplifier
logo
KEC(Korea Electronics)
BSS64 KEC-BSS64 Datasheet
60Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BSS64 INFINEON-BSS64 Datasheet
50Kb / 5P
NPN Silicon AF and Switching Transistors
Aug-20-2001
More results


Similar Description - BSS64

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com