Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7175-2 Datasheet (PDF) - Analog Devices

AD7175-2 Datasheet PDF - Analog Devices
Part # AD7175-2
Download  AD7175-2 Download
File Size   1205.09 Kbytes
Page   63 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers

AD7175-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7175-2 Datasheet PDF - Analog Devices

Part # AD7175-2
Download  AD7175-2 Click to download

File Size   1205.09 Kbytes
Page   63 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers

AD7175-2 Datasheet (HTML) - Analog Devices


AD7175-2 Product details

GENERAL DESCRIPTION
The AD7175-2 is a low noise, fast settling, multiplexed, 2-/4-channel (fully/pseudo differential) Σ-Δ analog-to-digital converter (ADC) for low bandwidth inputs. It has a maximum channel scan rate of 50 kSPS (20 µs) for fully settled data. The output data rates range from 5 SPS to 250 kSPS.

FEATURES
   Fast and flexible output rate: 5 SPS to 250 kSPS
   Channel scan data rate of 50 kSPS/channel (20 µs settling)
   Performance specifications
      17.2 noise free bits at 250 kSPS
      20 noise free bits at 2.5 kSPS
      24 noise free bits at 20 SPS
      INL: ±1 ppm of FSR
   85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
   User configurable input channels
      2 fully differential channels or 4 single-ended channels
      Crosspoint multiplexer
   On-chip 2.5 V reference (±2 ppm/°C drift)
   True rail-to-rail analog and reference input buffers
   Internal or external clock
   Power supply: AVDD1 = 5 V, AVDD2 = IOVDD = 2 V to 5 V
      Split supply with AVDD1/AVSS at ±2.5 V
   ADC current: 8.4 mA
   Temperature range: −40°C to +105°C
   3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
      Serial port interface (SPI), QSPI, MICROWIRE, and DSP
      compatible
  
APPLICATIONS
   Process control: PLC/DCS modules
   Temperature and pressure measurement
   Medical and scientific multichannel instrumentation
   Chromatography




Similar Part No. - AD7175-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
Rev. B
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
Rev. B
AD7175-2BRUZ-RL AD-AD7175-2BRUZ-RL Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
Rev. B
AD7175-2BRUZ-RL7 AD-AD7175-2BRUZ-RL7 Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
Rev. B
More results


Similar Description - AD7175-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-478 AD-UG-478 Datasheet
3Mb / 40P
Evaluation Board for the AD7176-2??4-Bit, 250 kSPS Sigma-Delta ADC with 20 關s Settling
REV. 0
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
REV. A
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
REV. A
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
REV. 0
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
ADC with True Rail-to-Rail Buffers
Rev. B
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
Rev. B
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
Rev. B
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com