Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY8 Datasheet (PDF) - Diotec Semiconductor

BY8 Datasheet PDF - Diotec Semiconductor
Part # BY8
Download  BY8 Download
File Size   110.78 Kbytes
Page   1 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description High Voltage Si-Rectifiers

BY8 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY8 Datasheet PDF - Diotec Semiconductor

Part # BY8
Download  BY8 Click to download

File Size   110.78 Kbytes
Page   1 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description High Voltage Si-Rectifiers

BY8 Datasheet (HTML) - Diotec Semiconductor


BY8 Product details

Silicon Rectifiers



Nominal current ñ Nennstrom 3 A

Repetitive peak reverse voltage 200 -- 2000 V

Plastic case ~ DO-201

Weight approx. ñ Gewicht ca. 1 g

Plastic material has UL classification 94V-0

Standard packaging taped in ammo pack see page 16




Similar Part No. - BY8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY8 DIOTEC-BY8 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BY8 DIOTEC-BY8 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY8 TAYCHIPST-BY8 Datasheet
1Mb / 2P
High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY8 DIOTEC-BY8 Datasheet
109Kb / 2P
High Voltage Silicon Rectifier Diodes
BY8 DIOTEC-BY8 Datasheet
144Kb / 2P
Standard Recovery High Voltage Rectifier Diodes
More results


Similar Description - BY8

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DD300 DIOTEC-DD300 Datasheet
127Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV3 DIOTEC-HV3 Datasheet
22Kb / 1P
High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
107Kb / 1P
High Voltage Si-Rectifiers
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY4 DIOTEC-BY4_07 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
DD300 DIOTEC-DD300_07 Datasheet
58Kb / 2P
Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
HV3 DIOTEC-HV3_07 Datasheet
98Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV1.5 DIOTEC-HV1.5 Datasheet
64Kb / 2P
Fast Switching High Voltage Si-Rectifiers
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
100Kb / 2P
Fast Switching Surface Mount High Voltage Si-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com