Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1270 Datasheet (PDF) - Analog Devices

ADM1270 Datasheet PDF - Analog Devices
Part # ADM1270
Download  ADM1270 Download
File Size   378.51 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Input Protection Device

ADM1270 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1270 Datasheet PDF - Analog Devices

Part # ADM1270
Download  ADM1270 Click to download

File Size   378.51 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Input Protection Device

ADM1270 Datasheet (HTML) - Analog Devices


ADM1270 Product details

GENERAL DESCRIPTION
The ADM1270 is a current-limiting controller that provides inrush current limiting and overcurrent protection for modular or battery-powered systems. When circuit boards are inserted into a live backplane, discharged supply bypass capacitors draw large transient currents from the backplane power bus as they charge. These transient currents can cause permanent damage to connector pins, as well as dips on the backplane supply that can reset other boards in the system.

FEATURES
   Controls supply voltages from 4 V to 60 V
   Gate drive for low voltage drop reverse supply protection
   Gate drive for P-channel FETs
   Inrush current limiting control
   Adjustable current limit
   Foldback current limiting
   Automatic retry or latch-off on current fault
   Programmable current-limit timer for safe operating area (SOA)
   Power-good and fault outputs
   Analog undervoltage (UV) and overvoltage (OV) protection
   16-lead, 3 mm × 3 mm LFCSP
   16-lead QSOP

APPLICATIONS
   Industrial modules
   Battery-powered/portable instrumentation




Similar Part No. - ADM1270

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
ADM1272-1ACPZ AD-ADM1272-1ACPZ Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
ADM1272-1ACPZ-RL AD-ADM1272-1ACPZ-RL Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
ADM1273 AD-ADM1273 Datasheet
1Mb / 58P
High Voltage Positive Hot-Swap Controller and Digital Power Monitor with PMBus
Rev. 0
ADM1273-1ACPZ AD-ADM1273-1ACPZ Datasheet
1Mb / 58P
High Voltage Positive Hot-Swap Controller and Digital Power Monitor with PMBus
Rev. 0
More results


Similar Description - ADM1270

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
Input under Voltage Protection
BR45D ARCH-BR45D Datasheet
420Kb / 4P
Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
Input under Voltage Protection
BR360 ARCH-BR360_16 Datasheet
339Kb / 3P
Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
Input under Voltage Protection
POL10 ARCH-POL10 Datasheet
365Kb / 3P
Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
Input Under-Voltage Protection
0RQB-S0M12X BEL-0RQB-S0M12X Datasheet
829Kb / 12P
Input Under-voltage Protection High Efficiency
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com