Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM1240 Datasheet (PDF) - Analog Devices

ADUM1240 Datasheet PDF - Analog Devices
Part # ADUM1240
Download  ADUM1240 Download
File Size   470.65 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Dual-Channel Digital Isolators

ADUM1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1240 Datasheet PDF - Analog Devices

Part # ADUM1240
Download  ADUM1240 Click to download

File Size   470.65 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Dual-Channel Digital Isolators

ADUM1240 Datasheet (HTML) - Analog Devices


ADUM1240 Product details

GENERAL DESCRIPTION
The ADuM1240/ADuM1241/ADuM1245/ADuM12461 are micropower, 2-channel, digital isolators based on the Analog Devices, Inc., iCoupler® technology. Combining high speed, complementary metal oxide semiconductor (CMOS) and monolithic air core transformer technologies, these isolation components provide outstanding performance characteristics superior to the alternatives, such as optocoupler devices.

FEATURES
    Ultralow power operation
        3.3 V operation
            5.6 μA per channel quiescent current, refresh enabled
            0.3 μA per channel quiescent current, refresh disabled
            148 μA/Mbps per channel typical dynamic current
        2.5 V operation
            3.1 μA per channel quiescent current, refresh enabled
            0.1 μA per channel quiescent current, refresh disabled
            116 μA/Mbps per channel typical dynamic current
    Small, 20-lead SSOP package and small 8-lead SOIC package
    Bidirectional communication
    Up to 2 Mbps data rate nonreturn to zero (NRZ)
    High temperature operation: 125°C
    High common-mode transient immunity: >25 kV/μs
    Safety and Regulatory Approvals
        UL 1577 component recognition program
            3750 V rms for 1 minute per UL 1577 (20-lead SSOP)
            3000 V rms for 1 minute per UL 1577 (8-lead SOIC)
        CSA Component Acceptance Notice 5A
        VDE certificate of conformity
            DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
            VIORM = 849 V peak (20-lead SSOP)
            VIORM = 560 V peak (8-lead SOIC)

APPLICATIONS
    General-purpose, low power, multichannel isolation
    1 MHz low power serial peripheral interface (SPI)
    4 mA to 20 mA loop process control




Similar Part No. - ADUM1240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1240 AD-ADUM1240 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1240ARSZ AD-ADUM1240ARSZ Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1240ARSZ-RL7 AD-ADUM1240ARSZ-RL7 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1240ARZ AD-ADUM1240ARZ Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1240ARZ-RL7 AD-ADUM1240ARZ-RL7 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
More results


Similar Description - ADUM1240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
logo
Analog Devices
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
Micropower Quad-Channel Digital Isolators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com