Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY4 Datasheet (PDF) - Diotec Semiconductor

BY4 Datasheet PDF - Diotec Semiconductor
Part # BY4
Download  BY4 Download
File Size   188.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifiers

BY4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY4 Datasheet PDF - Diotec Semiconductor

Part # BY4
Download  BY4 Click to download

File Size   188.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifiers

BY4 Datasheet (HTML) - Diotec Semiconductor


BY4 Product details

Silicon Rectifiers



Nominal current ñ Nennstrom 3 A

Repetitive peak reverse voltage 200 -- 2000 V

Plastic case ~ DO-201

Weight approx. ñ Gewicht ca. 1 g

Plastic material has UL classification 94V-0

Standard packaging taped in ammo pack see page 16




Similar Part No. - BY4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY4 DIOTEC-BY4 Datasheet
110Kb / 1P
High Voltage Si-Rectifiers
logo
Semikron International
BY4 SEMIKRON-BY4 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BY4 DIOTEC-BY4 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY4 TAYCHIPST-BY4 Datasheet
1Mb / 2P
High Voltage Silicon Rectifier Diodes
More results


Similar Description - BY4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com